Part Number Hot Search : 
21120B ENA10 T74FCT 3492IF 1620C P4SMA33A ISL6323A KSR1009
Product Description
Full Text Search
 

To Download LY2-0-DC24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general purpose relay ly 285 general purpose relay ly ? arc barrier equipped. ? high dielectric strength (2,000 vac). ? long dependable service life assured by ag-alloy contacts. ? choose models with single or bifurcated contacts, led indicator, diode surge suppression, push-to-test button, or rc circuit. ? ul, csa, tuv, and ce approvals on all standard ly relay part numbers. ordering information to order: select the part number and add the desired coil voltage rating (e.g., ly1- dc6 ). note: 1. types with specifications other t han those listed are available. contact your omron sales representative. 2. to order connecting sockets and mounti ng tracks, see ?accessories? section. 3. relays with rc circuit are only available in ac coil voltages of 100 vac or greater. type terminal contact form model single contact bifurcated contact standard bracket mounting upper mounting bracket standard bracket mounting upper mounting bracket standard plug-in/solder spdt ly 1 ly 1 f ? ? dpdt ly2 ly2f ly2z ly2zf 3pdt ly 3 ly 3 f ? ? 4pdt ly 4 ly 4 f ? ? pcb spdt ly 1 - 0 ? ? ? dpdt ly2-0 ? ly2z-0 ? 3pdt ly 3 - 0 ? ? ? 4pdt ly 4 - 0 ? ? ? led indicator plug-in/solder spdt ly 1 n ? ? ? dpdt ly 2 n ? ly 2 z n ? 3pdt ly 3 n ? ? ? 4pdt ly 4 n ? ? ? diode surge suppression spdt ly 1 - d ? ? ? dpdt ly2-d ? ly2z-d ? 3pdt ly 3 - d ? ? ? 4pdt ly 4 - d ? ? ? led indicator and diode surge suppression spdt ly 1 n - d 2 ? ? ? dpdt ly2n-d2 ? ly2zn-d2 ? 4pdt ly 4 n - d 2 ? ? ? rc circuit spdt ly 1 - c r ? ? ? dpdt ly 2 - c r ? ly 2 z - c r ? led indicator and rc circuit spdt ly 1 n - c r ? ? ? dpdt ly2n-cr ? ly2zn-cr ?
286 general purpose relay ly note: 1. types with specifications other th an those listed are available. cont act your omron sa les representative. 2. to order connecting sockets and mounti ng tracks, see ?accessories? section. accessories connecting sockets to order: select the appropriate part numbers for sockets, clip s, and mounting tracks (if required) from the following charts. track mounted sockets * track mounted socket can be used as a front connecting socket. back connecting sockets note: types pyp-18, ptp-12 and ptp-10 ma y be cut to any desired length. type terminal contact form model single contact bifurcated contact standard bracket mounting upper mounting bracket standard bracket mounting upper mounting bracket push-to-test button plug-in/solder spdt ly 1 l 4 ? ? ? dpdt ly 2 l 4 ? ly 2 z l 2 ? 3pdt ly 3 l 4 ? ? ? 4pdt ly 4 l 4 ? ? ? led indicator and push-to-test button plug-in/solder dpdt ly2l4n ? ly2zl2n ? 4pdt ly4l4n ? ? ? relay socket* relay hold-down clip mounting track standard rc circuit spdt ptf08a-e pyc-a1 y92h-3 pfp-100n/pfp-50n & dpdt pfp-m or pfp-100n2 3pdt ptf11a pfp-s (option spacer) 4pdt ptf14a-e relay solder terminal socket wire wrap terminal socket relay hold-down clip socket mounting plate standard push-to-test rc circuit mtg. plate 1 10 12 18 spdt pt08 pt08qn pyc-p pyc-p2 pyc-1 pyc-s pyp-1 ? ? pyp-18 dpdt 3pdt pt11 pt11qn ptp-1-3 ? ptp-12 ? 4pdt pt14 pt14qn ptp-1 ptp-10 ? ? relay pc terminal socket relay hold-down clip standard push-to-test rc circuit spdt pt08-0 pyc-p pyc-p2 pyc-1 dpdt 3pdt pt11-0 4pdt pt14-0
general purpose relay ly 287 specifications contact data coil data 1- and 2-pole types ? ac 1- and 2-pole types ? dc note: 1. the rated current and coil resistance are meas ured at a coil temperature of 23c (73f) with tolerances of +15%, -20% for ac ra ted current, and 15% for dc rated coil resistance. 2. the ac coil resistance and inductance are reference values at 60 hz. 3. the performance characteristics are m easured at a coil temperature of 23 c (73 f). 4. class b coil insulation is available. load single contact bifurcated contact spdt dpdt, 3pdt, 4pdt dpdt resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) resistive load (p.f. = 1) inductive load (p.f. = 0.4) (l/r = 7 ms) rated load 15 a at 110 vac 10 a at 110 vac 10 a at 110 vac 7.5 a at 110 vac 5 a at 110 vac 4 a at 110 vac 15 a at 24 vdc 7 a at 24 vdc 10 a at 24 vdc 5 a at 24 vdc 5 a at 24 vdc 4 a at 24 vdc contact material ag-alloy carry current 15 a 10 a 7 a max. operating voltage 250 vac 125 vdc max. operating current 15 a 10 a 7 a max. switching capacity 1,700 va 1,100 va 1,100 va 825 va 550 va 440 va 360 w 170 w 240 w 120 w 120 w 100 w min. permissible load 100 ma, 5 vdc 10 ma, 5 vdc rated voltage (v) rated current (ma) coil resistance ( ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (va, w) armature off armature on 50 hz 60 hz (% of rated voltage) 6 214.10 183 12.20 0.04 0.08 80% max. 30% min. 110% approx. 1.00 to 1.20 (60 hz) 12 106.50 91 46 0.17 0.33 24 53.80 46 180 0.69 1.30 50 25.70 22 788 3.22 5.66 100/110 11.70/12.90 10/11 3,750 14.54 24.60 approx. 0.90 to 1.10 (60 hz) 110/120 9.90/10.80 8.40/9.20 4,430 19.20 32.10 200/220 6.20/6.80 5.30/5.80 12,950 54.75 94.07 220/240 4.80/5.30 4.20/4.60 18,790 83.50 136.40 rated voltage (v) rated current (ma) coil resistance ( ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (va, w) armature off armature on (% of rated voltage) 6 150 40 0.16 0.33 80% max. 10% min. 110% approx. 0.90 12 75 160 0.73 1.37 24 36.90 650 3.20 5.72 48 18.50 2,600 10.60 21 100/110 9.10/10 11,000 45.60 86.20
288 general purpose relay ly 3-pole type ? ac 3-pole type ? dc 4-pole type ? ac 4-pole type ? dc note: 1. the rated current and coil resistance ar e measured at a coil temperature of 23 c (73f) with tolerances of +15%, -20% for ac rated current, and 15% for dc rated coil resistance. 2. the ac coil resistance and inductance are reference values at 60 hz. 3. the performance characteristics are m easured at a coil temperature of 23 c (73 f). 4. class b coil insulation is available. rated voltage (v) rated current (ma) coil resistance ( ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (va, w) 50 hz 60 hz armature off armature on (% of rated voltage) 6 310 270 6.70 0.03 0.05 80% max. 30% min. 110% approx. 1.60 to 2.00 (60 hz) 12 159 134 24 0.12 0.21 24 80 67 100 0.44 0.79 50 38 33 410 2.24 3.87 100/110 15.90/18.30 13.60/15.60 2,300 10.50 18.50 120 17.30 14.8 2,450 11.50 20.60 200/220 10.50/11.60 9.00/9.90 8,650 34.80 59.50 240 9.40 8 10,400 38.60 74.60 rated voltage (v) rated current (ma) coil resistance ( ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (va, w) armature off armature on (% of rated voltage) 6 234 25.70 0.11 0.21 80% max. 10% min. 110% approx. 1.40 12 112 107 0.45 0.98 24 58.60 410 1.89 3.87 48 28.20 1,700 8.53 13.90 100/110 12.70/13 8,500 29.60 54.30 rated voltage (v) rated current (ma) coil resistance ( ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (va, w) armature off armature on 50 hz 60 hz (% of rated voltage) 6 386 330 5 0.02 0.04 80% max. 30% min. 110% approx. 1.95 to 2.50 (60 hz) 12 199 170 20 0.10 0.17 24 93.60 80 78 0.38 0.67 50 46.80 40 350 1.74 2.88 100/110 22.50/25.50 19/21.80 1,800 10.50 17.30 120 19.00 16.40 2,200 9.30 19 200/220 11.50/13.10 9.80/11.20 6,700 33.10 57.90 240 11.00 9.50 9,000 33.20 63.40 rated voltage (v) rated current (ma) coil resistance ( ) coil inductance (ref. value) (h) pick-up voltage dropout voltage maximum voltage power consumption (va, w) armature off armature on (% of rated voltage) 6 240 25 0.09 0.21 80% max. 10% min. 110% approx. 1.50 12 120 100 0.39 0.84 24 69 350 1.41 2.91 48 30 1,600 6.39 13.60 100/110 15/15.90 6,900 32 63.70
general purpose relay ly 289 characteristics note: data shown are of initial value. characteristic data maximum switching capacity electrical service life contact resistance 50 m max. operate time 25 ms max. release time 25 ms max. operating frequency mechanically 18,000 operations/hour under rated load 1,800 operations/hour insulation resistance 100 m min. (at 500 vdc) dielectric strength 2,000 vac, 50/60 hz for 1 minute 1,000 vac, 50/60 hz for 1 minute between contacts of same polarity vibration mechanical durability 10 to 55 hz, 1.00 mm (0.04 in) double amplitude malfunction durability 10 to 55 hz, 1.00 mm (0.04 in) double amplitude shock mechanical durability 1,000 m/s 2 (approx. 100 g) malfunction durability 200 m/s 2 (approx. 20 g) ambient temperature operating ly1, ly2, ly3: -25 to 55c; ly4 =-25 to 40 c humidity 35 to 85% rh service life mechanically ac: 50 million operations min. (at operat ing frequency of 18,000 operations/hour) dc: 100 million operations min. (at operating frequency of 18,000 operations/hour) electrically see ?characteristic data? weight spdt, dpdt: approx. 40 g (1.41 oz), 3pdt: approx. 50 g (1.76 oz) 4pdt: approx. 70 g (2.47 oz) ly 1 ly 2 ly 3 , ly 4 ly 2 z rated operating voltage (v) rated operating current (a) rated operating voltage (v) rated operating current (a) rated operating voltage (v) rated operating current (a) rated operating voltage (v) rated operating current (a) ly 1 ly 2 ly 3 , ly 4 ly 2 z switching current (a) service life (x10 6 operations) switching current (a) service life (x10 6 operations) switching current (a) service life (x10 6 operations) switching current (a) service life (x10 6 operations)
290 general purpose relay ly dimensions unit: mm (inch) relays note: the above drawing shows ly1f. with ly2f, dimension ?*? should read as eight 3.05 mm (0.12 in) dia. holes. ly 1 ly 2 terminal arrangement (bottom view) terminal arrangement (bottom view) ly 3 ly 4 terminal arrangement (bottom view) terminal arrangement (bottom view) ly1-0, ly2-0, ly3-0, ly 4-0 mounting holes for ly1-0, ly2-0, ly3-0, ly4-0 (bottom view) note: the above drawing shows ly2-0. with ly1-0, dimension ?*? should read as eight 6.35 (.25). sptd dpdt 3pdt 4pdt ly1f, ly2f ly3f mounting holes mounting holes
general purpose relay ly 291 ly4f mounting holes ly1s, ly2s round hole rectangular hole note: the above drawing shows ly2s-us. with ly1s-us, dimension ?*? should read as eight 2.03 mm (0.08 in) dia. holes. ly3s round hole rectangular hole ly4s round hole rectangular hole
292 general purpose relay ly accessories unit: mm (inch) track mounted sockets (ul file no. e87929) (csa report no. lr31928) track mounting sockets (ul file no. e87929) (csa report no. lr31928) note: 1. ul/csa does not apply to wire wrap (q) type sockets. 2. values in brackets for ly ? cr. 3. ptf08a-e and ptf14a-e = touch safe screws. height = 33 mm max. back connecting socket (ul file no. e87929) (csa report no. lr31928) ptf08a (see note 3) terminal arrangement/ mounting holes (top view) ptf11a terminal arrangement/ mounting holes (top view) ptf14a (see note 3) terminal arrangement/ mounting holes (top view) mounting height of relay with socket (applies to all ptf ? a sockets) pt08 terminal arrangement/ (bottom view) pt11 terminal arrangement/ (bottom view)
general purpose relay ly 293 back connecting socket (ul file no. e87929) (csa report no. lr31928) note: values in brackets for ly ? cr. back connecting socket (ul file no. e87929) (csa report no. lr31928) back connecting socket (ul file no. e87929) (csa report no. lr31928) back connecting socket (ul file no. e87929) (csa report no. lr31928) pt14 terminal arrangement (bottom view) mounting height of relay with socket (applies to all pt sockets) pt pt08qn panel cut-out and terminal arrangement are the same as type pt08. pt11qn panel cut-out and terminal arrangement are the same as type pt11. pt14qn panel cut-out and terminal arrangement are the same as type pt14. pt08-0 terminal arrangement is the same as type pt08. mounting holes (bottom view) pt11-0 terminal arrangement is the same as type pt11. mounting holes (bottom view) pt14-0 terminal arrangement is the same as type pt14. mounting holes (bottom view)
294 general purpose relay ly unit: mm (inch) relay hold-down clips relay hold-down clips mounting track/end plate/spacer *this dimension is 14.99 mm (0.59 in) on both ends in the case of pfp-100n, but on one end in the case of pfp-50n. ** l = length pfp-50n l = 497.84 mm (19.60 in) pfp-100n l = 990.60 mm (39.00 in) pfp-100n2 l = 990.60 mm (39.00 in) ***a total of twelve 24.89 x 4.57 mm (0.98 x 0.18 in) elliptic holes are provided, with six holes cut from each end of the trac k at a pitch of 9.91 (0.39) between holes. pyc-a1 for ptf ? a socket pyc-s for relay mounting plates (applicable to type pyp-1 and pyp-18 socket mounting plates only.) pyc-p for pt ? socket pyc-p2 for push-to-test button type with pt ? socket y92h-3 for rc circuit type pyc-1 for rc circuit type 4.5 15 25 25 25 25 * 10 10 1000 (500)* 7.3 0.15 35 0.3 27 0.15 15 ( 5) 1 4.5 15 25 25 25 25 15 10 10 1000 4 35 0.3 27 24 16 29.2 1 1.5 * the figure in parenthesis is for pfp-50n. pfp-100n, pfp-50n (conforming to en 50022) pfp-100n2 (conforming to en 50022)
general purpose relay ly 295 pfp-m end plate pfp-s spacer socket mounting plates [t=1.52 (.06)] number of socket specs. socket needed 1 10 12 18 pt08, pt08qn pyp-1 ? ? pyp-18 pt11, pt11qn ptp-1-3 ? ptp-1-2 _ pt14, pt14qn ptp-1 ptp-10 ? ? ptp-10 ptp-12 pyp-1 ptp-1-3 ptp-1 pyp-18 ptp-10 ptp-12
296 general purpose relay ly relay options led indicator specifications and dimensions sa me as the standard type with the following except ion. with the led indicator type, the rated cu rrent is approxi- mately 0 to 5.0 ma higher than the standard type. terminal arrangement/internal connections (bottom view) ly2n note: 1. the coil terminals 10 and 11 of type ly3n become (-) and (+) and terminals 13 and 14 of type ly4n become (-) and (+), respectiv ely. 2. pay special attention to the polarities when using the dc type. diode surge suppression specifications and dimensions same as the standard type with the following exception. ambient operating temperature: -25 to 40 c (-13 to 104 f) terminal arrangement/internal connections (bottom view) ly2(n)-d(2) note: 1. pay special attention to the polarities when using the dc type. 2. the release time is somewhat longer, but sa tisfies the standard specifications of 25 ms. 3. the reverse-breakdown voltage of the diode is 1,000 vdc. 4. available on dc versions only. 1 3 5 7 2 4 6 8 dc coil rating type ac coil rating type 1 3 5 7 2 4 6 8 without diode with diode ly 2 - d 6, 12, 24, 48 100/110 vdc ly 2 n - d 2 6, 12, 24, 48 vdc ly 2 n - d 2 100/110 vdc
general purpose relay ly 297 relay options rc circuit specifications and dimensions same as the st andard type with the following exceptions. characteristic data note: 1. the above drawing shows ly2(z)-cr. with ly1-cr, ?*? should read eight 2.03 mm (0.08 in) dia. holes. 2. available on ac versions only. push-to-test button specifications and dimensions same as the st andard type with the following exceptions. note: type ly1i2 has the same dimensions and appearances as type ly2i2 sh own except that dimensions ?*? is 2.03 mm (0.08 in) dia. hol es. without rc circuit with rc circuit ly1-cr, ly2(z)-cr terminal arrangement/internal connections (bottom view) ly 1 - c r ly 2 ( z ) - c r ly ? i2 ly1i2, ly2i2 ly 3 i 2 ly 4 i 2
298 general purpose relay ly approvals ul recognized type (file no. e41643) csa certified type (file no. lr31928) vde approved type (file no . 9903 [spdt, dpdt & 3pdt], file no. 9947 [4pdt]) lr (lloyd's register) approved type (file no. 562kob-204523) sev listed type (file no. d7 91/82 [2- & 4-pole], d 91/204a [1- & 3-pole]) note: 1. the rated values approved by each of the sa fety standards (e.g., ul, csa, vde, and sev) may be different from the performance c har- acteristics individually defined in this catalog. 2. in the interest of product improvement, specifications are subject to change. type contact form coil ratings contact ratings number of test operations ly 1 ? spdt 6 to 240 vac 15a, 30vdc (resistive), 40 c 6 x 10 3 6 to 120 vdc 15a, 240vac (general use), 40 c tv-5, 120vac, 40 c 25 x 10 3 1/2hp, 120vac, 50 c ly 2 ? dpdt 15a, 28vdc (resistive), 40 c 6 x 10 3 15a, 120vac (resistive), 40 c 12a, 240vac (general use), 40 c 1/2hp, 120vac, 50 c 25 x 10 3 tv-3, 120vac, 40 c ly 3 ? ly 4 ? 3pdt 10a, 30vdc (resistive), 40 c (same polarity ) 6 x 10 3 4pdt 10a, 240vac (general use), 40 c (same polarity ) 1/2hp, 240vac, 40 c ly 2 z ? (bifurcated) dpdt 7a, 240vac (general use), 40 c 6 x 10 3 7a, 28vdc (resistive), 40 c type contact form coil ratings contact ratings ly 1 ? spdt 6 to 240 vac 15 a, 120 vac (inductive) 6 to 120 vdc 10 a, 240 vac (inductive) 15 a, 28 vdc (resistive) tv-5 (actv) ly 2 ? dpdt 13 a, 28 vdc (resistive) 12 a, 120 vac (inductive) 10 a, 240 vac (inductive) 1/3 hp, 120 vac (motor) tv-3 (actv) ly 3 ? ly 3 ? 3pdt 10 a, 240 vac (inductive) 4pdt 10 a, 28 vdc (resistive) type contact form coil ratings contact ratings ly ? -vd spdt 6, 12, 24, 50, 10 a, 220 vac (resistive) 110, 220 vac 10 a, 28 vdc (resistive) and 6, 12, 24, 7 a, 220 vac (inductive) 48, 110 vdc 7 a, 28 vdc (inductive) ly ? -vd dpdt 7 a, 220 vac (resistive) 3pdt 7 a, 28 vdc (resistive) 4pdt 4 a, 28 vdc and 4a, 220 vac (inductive) type contact form coil ratings contact ratings ly ? dpdt 6 to 240 vac 7.5 a, 230 vac (inductive) 4pdt 6 to 110 vdc 5 a, 24 vdc (inductive) type contact form coil ratings contact ratings ly ? -sv spdt 6 to 240 vac 15 a, 220 vac (resistive) 6 to 110 vdc 15 a, 24 vdc (resistive) ly ? -sv dpdt 10 a, 220 vac (resistive) 3pdt 10 a, 24 vdc (resistive) 4pdt
14 r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n ty , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , machin e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : ? o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . ? n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . ? s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c ts a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a perfor m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n ? s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2010 . 1 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 1 0 a l l r i g h t r e s e r v e d . all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527.
j002-e1-10 06/09 note: specifcations are subject to change. ? 2010 omron electronics llc omron canada, inc. ? head office toronto, on, canada ? 416.286.6465 ? 866.986.6766 www.omron247.com omron eletr?nica do brasil ltda ? head office s?o paulo, sp, brasil ? 55.11.2101.6300 ? www.omron.com.br omron electronics mexico sa de cv ? head office apodaca, n.l. ? 52.811.156.99.10 ? 001.800.556.6766 ? mela@omron.com omron argentina ? sales office cono sur ? 54.11.4783.5300 omron chile ? sales office santiago ? 56.9.9917.3920 other omron latin america sales 54.11.4783.5300 omron electronics llc ? the americas headquarters ? schaumburg, il usa ? 847.843.7900 ? 800.556.6766 ? www.omron247.com o mron e uro p e b.v. wegalaan 67-69, nl-2132 jd, hoofddorp, the netherlands. tel: +31 (0) 23 568 13 00 fax: +31 (0) 23 568 13 88 www.industrial.omron.eu


▲Up To Search▲   

 
Price & Availability of LY2-0-DC24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X